Part Number Hot Search : 
89HPE SN7909PI 2SC2358 HS01G SMCJ26A LVA519 CIH32 MAX3724D
Product Description
Full Text Search
 

To Download MBR2060PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2035PT - MBR20150PT
20.0 AMPS. Schottky Barrier Rectifiers TO-3P/TO-247AD
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds,0.17"(4.3mm)from case
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10 in. - lbs. max Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (SEE F1G. 1) Peak Repetitive Forward Current (Rated VR, Square Wave, o 20KHz) at Tc=105 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 2) Maximum Instantaneous Forward Voltage at (Note 1) IF=10A, Tc=25oC IF=10A, Tc=125oC o IF=20A, Tc=25 C o IF=20A, Tc=125 C Maximum Instantaneous Reverse Current @ Tc=25 C o at Rated DC Blocking Voltage Per Leg(Note 2) @ Tc=125 C Voltage Rate of Change at (Rated VR) Maximum Thermal Resistance Per Leg(Note 3) Operating Junction Temperature Range Storage Temperature Range
o
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF
2035 PT
2045 PT
MBR 2050 PT
MBR 2060 PT
MBR 2090 PT
MBR MBR 20100 20150 PT PT
Units
V V V A A A
35 24 35
45 31 45
50 35 50
60 42 60 20 20 150
90 63 90
100 70 100
150 105 150
1.0
0.57 0.84 0.72 0.80 0.70 0.95 0.85
0.5
0.85 0.75 0. 95 0.85 0.95 0.92 1.02 0.98
A
V
IR dV/dt RJC
TJ TSTG
0.1 15 10 10,000 1.0 -65 to +150 -65 to +175
0.1 5.0
mA mA V/uS o C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to case Per Leg. With Heatsink Size (4" x 6" x 0.25" ) Al. Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBR2035PT THRU MBR20150PT)
FIG.1- FORWARD CURRENT DERATING CURVE
20 300 RESISTIVE OR INDUCTIVE LOAD 16
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
250
12
200
150
8
100
4
50
0
0
50
100
o
150
0 1
10 NUMBER OF CYCLES AT 60Hz
100
CASE TEMPERATURE. ( C)
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
Tj=150 0C
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
10
10
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C 1
1 Tj=25 0C
Tj=25 0C 0.1
Pulse Width=300 s 1% Duty Cycle 0.1
0.01
MBR2035PT-MBR2045PT MBR2050PT-MBR2060PT MBR2090PT-MBR20150PT
MBR2035PT-MBR2045PT MBR2050PT-MBR20150PT 0.001 0 20 40 60 80 100 120 140
0.01 0
0.1
0.2
0.3 0.4
0.5
0.6 0.7 0.8 0.9 1.0 1.1 1.2
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
JUNCTION CAPACITANCE.(pF)
2,000
10.0
1,000
500
1
200
MBR2035PT-MBR2045PT MBR2050PT-MBR20150PT
100 0.1 1.0 10 100 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBR2060PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X